Part Number Hot Search : 
CDR12TS LM358D 01M10V6 GG11M DT54FC 7270F LTC694 XC4000FM
Product Description
Full Text Search
 

To Download PSC63VB470MH08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Engineering Bulletin
Conductive polymer Aluminum solid capacitors
Tentative
NP CAPTM
PSC
series
High CV ?? Low ESR, Higher Ripple ?? Suitable for DC-DC converters, voltage regulators ?? and decoupling applications for computer motherboards
Features High CV &Low ESR
M
Tolerance
Part Number System
PSC
Series Name
2.5
Rated Voltage
VB
Shape Code
820
Capacitance
H08
Size Code
Dimensions (mm)
Co at e d Cas e Od Ti n pl at e d l ea d wi r e
Marking
C
3D 6
820
2 5V .
L+Mma x .
1 5mi n.
F *} 5 0.
4 mi n.
O+0. 5m D ax.
Code fD L M F fd H08 8 8 1.0 3.5 0.6 H11 8 11.5 1.5 3.5 0.8 J11 10 11.5 1.5 5.0 0.8 J12 10 12.5 1.5 5.0 0.6
Specifications
Items Category Temperature Range Rated Voltage Surge Voltage Capacitance Tolerance Leakage Current Dissipation Factor (tand) Endurance Bias Humidity Characteristics -55 to +105oC 2.5~16 Vdc Rated Voltage x 1.15 20% 0.2CV or 500Amax. (at 20oC, Rated Voltage, after 2 minutes) 0.10max. (at 20C? 120Hz) 105C Rated voltage applied for 2000 hours 60C, 90 to 95% RH for 1000 hours.
*Note: If any doubt arises, measure the leakage current after the following voltage treatment. Voltage treatment: DC rated voltage is applied to the capacitors for 60 minutes at 105C.
Nippon Chemi-Con Corporation
Standard Rating
Rated Voltage (V) 2.5 2.5 2.5 2.5 4 4 4 6.3 6.3 6.3 10 10 16 16 16 Nominal Capacitance (F) 560 820 1000 2700 560 680 1000 470 820 1500 390 680 270 330 470 Leakage Current (A) 500 500 500 1350 500 544 800 592 1033 1890 780 1360 864 1056 1504 ESR at 20*Z ? 100? 300kHz (mO) 7 7 7 8 7 7 6 8 6 10 8 7 11 10 10 Ripple Current at 105*Z ,100kHz (mArms) 6100 6100 6100 5580 6100 6100 6640 5700 6640 5560 5650 6100 5080 6100 6100
Part Number
PSC2.5VB560MH08 PSC2.5VB820MH08 PSC2.5VB1000MH11 PSC2.5VB2700MJ11 PSC4VB560MH08 PSC4VB680MH11 PSC4VB1000MJ11 PSC6.3VB470MH08 PSC6.3VB820MJ11 PSC6.3VB1500MJ11 PSC10VB390MH11 PSC10VB680MJ11 PSC16VB270MH11 PSC16VB330MJ12 PSC16VB470MJ12
*Note: Specifications are subject to change without notice.
Issued by PS engineering group, Aug. 2004
Nippon Chemi-Con Corporation


▲Up To Search▲   

 
Price & Availability of PSC63VB470MH08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X